PART |
Description |
Maker |
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|
MAX604 MAX604CPA MAX604CSA MAX604EPA MAX604ESA MAX |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators Quadruple 2-Input Positive-NOR Gates 20-LCCC -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.82 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO8 Quadruple 2-Input Positive-NOR Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Gates 20-LCCC -55 to 125 5V/3.3V or Adjustable Low-Dropout Low IQ 500mA Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1935 MAX1935ETA15 MAX1935ETA MAXB1935ETA |
Fixed-Point Digital Signal Processor 532-FCBGA 0.8 V-4.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 From old datasheet system 500mA Low-Voltage Linear Regulator in Tiny QFN "500mA, Low-Voltage Linear Regulator in Tiny QFN"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AIC1723 AIC1723-33CE AIC1723-33CET AIC1723-33CF AI |
500mA Low Dropout Linear Regulator 500mA的低压差线性稳压器
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
MAX1818EUT33G16 MAX1818EUT33TG16 MAX1818EUT33-T MA |
500mA, Low-Dropout Linear Regulator in SOT23
|
MAXIM - Dallas Semiconductor
|
MAX1792EUA50 MAX1792EUA50T MAX1792EUA50-T |
500mA, Low-Dropout Linear Regulator in µMAX
|
MAXIM - Dallas Semiconductor
|
BL8565 |
500mA High PSRR, Low Dropout Voltage Linear Regulator
|
SHANGHAI BELLING CO., L...
|
AIC1733 AIC1733-15PVTR AIC1733-18PVTR AIC1733-25PV |
500mA, Low Dropout Linear Regulator with Shutdown 00mA,低压差线性稳压器,带有关
|
Analog Integrations, Corp. Analog Intergrations Corporation Analog Integrations Corporation
|
APL1088EC-PBL APL1088EC-TRL APL1088DC-TRL |
500mA Low Dropout Linear Regulator 500mA Low Dropout Linear Regulator
|
Anpec Electronics Coropration Anpec Electronics Corop...
|
LT3021EDHTRPBF LT3021EDH-1.2PBF LT3021ES8TRPBF LT3 |
500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor Linear Dimensions Semicondu... Linear Dimensions Semic...
|
APL5833-28EC-TR APL5833-28EC-TU APL5833-35EC-TU AP |
2.85 V, 300 mA low dropout linear regulator of adjustable and fixed voltage 3.5 V, 300 mA low dropout linear regulator of adjustable and fixed voltage
|
ANPEC Electronics Corporation
|
NCP565D2T NCP565D2T12 NCP565 NCP565D2TR4G NCP565D2 |
1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5A Adjustable Low Dropout Linear Regulator with Fast Transient Response
|
ONSEMI[ON Semiconductor]
|